PART |
Description |
Maker |
PSP-500 PSP-500-5 PSP-500-15 PSP-500-24 PSP-500-48 |
TRANSDUCER,MAG,1.5Vpp @ 10mA 2048HZ @ 80db,50ohm,2 PINS TRANS,WALL,6VDC/500mA,M2 3.5mm,UL/CSA 100/cs TRANS,WALL,5VDC/225mA,F2, 2.5mm x 5.5mm,UL/CSA 40/cs PFC和并行与500W的功 TRANS,WALL,REG,6VDC/200MA, 2.1mmX5.5mm,F2,UL/CUL PFC和并行与500W的功 TRANS,WALL,6VDC/500mA,F1, 2.1mm X 5.5mm,UL,CULC-NEG PFC和并行与500W的功 TRANS,WALL,6VDC/500mA,F2 2.1mm x 5.5mm,UL/CSA 50/cs PFC和并行与500W的功 CONN,DSUB,.590"RT,25P-M, LONG,METAL HOUSING W/PC TABS PFC和并行与500W的功
|
Astrodyne, Inc.
|
KE007A0S6R541-SR |
43.2 - 57.6Vdc Input; 6.5Vdc Output; 7.0A Output Current
|
Lineage Power Corporation
|
EP1-4L5 EP2-4L5T EP2-4L3T EP2-4L4T EP2-3L1 EP2-3L2 |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.04A (COIL), 12VDC (COIL), 480mW (COIL), 25A (CONTACT), 16VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.053A (COIL), 12VDC (COIL), 640mW (COIL), 25A (CONTACT), 16VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Atmel, Corp. NEC TOKIN, Corp. NEC TOKIN CORP
|
MTA106D |
TOGGLE SWITCH, SPDT, LATCHED, 6A, 6VDC, THROUGH HOLE-STRAIGHT
|
KNITTER SWITCH
|
EP2F-B3G2ST |
POWER/SIGNAL RELAY, SPDT, LATCHED, 0.053A (COIL), 12VDC (COIL), 640mW (COIL), 25A (CONTACT), 16VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
NEC TOKIN CORP
|
EN2-1N2 |
POWER/SIGNAL RELAY, SPDT, LATCHED, 0.096A (COIL), 12VDC (COIL), 1150mW (COIL), 35A (CONTACT), 16VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
NEC TOKIN CORP
|
EP2F-B3L2 |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.053A (COIL), 12VDC (COIL), 640mW (COIL), 25A (CONTACT), 16VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
NEC TOKIN CORP
|
EP2-4N5ST EP2-4N3ST EP2-4N4ST |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.04A (COIL), 12VDC (COIL), 480mW (COIL), 30A (CONTACT), 16VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
NEC TOKIN, Corp.
|
G8HN-1A2T-H62 G8HN-1A2T-H62-R G8HN-1C2T-R-12VDC G8 |
Micro ISO Automotive Relay POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.017A (COIL), 12VDC (COIL), 1309mW (COIL), 10A (CONTACT), 16VDC (CONTACT), PANEL MOUNT
|
Omron Electronics LLC http://
|
SL1050002 SL1050002-B |
TRANS,WALL,16VDC/500mA,F2 2.1mmX5.5mm,UL,CSA TRANS,WALL,REG,5VDC/600mA, F1,2.1X5.5mm,UL/CSA,(4850)
|
Ametherm, Inc
|
OL-C-206H000 |
DRY REED RELAY, DPST, MOMENTARY, 0.045A (COIL), 6VDC (COIL), 270mW (COIL), 0.1A (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
CTS Valpey, Corp.
|
|